Part Number Hot Search : 
UHBS152 0512Z DDP3310B MC10H350 2SC40 DM71LS95 74HCT4 29003
Product Description
Full Text Search
 

To Download CMXT3946 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMXT3946 SURFACE MOUNT SUPERminiTM DUAL COMPLEMENTARY SILICON TRANSISTOR
Central
DESCRIPTION:
TM
Semiconductor Corp.
The CENTRAL SEMICONDUCTOR CMXT3946 type is a dual complementary silicon transistor manufactured by the epitaxial planar process, epoxy molded in a SUPERminiTM surface mount package, designed for small signal general purpose and switching applications.
MARKING CODE: X46 SOT-26 CASE
MAXIMUM RATINGS: (TA=25C) SYMBOL Collector-Base Voltage VCBO Collector-Emitter Voltage VCEO Emitter-Base Voltage VEBO Collector Current IC Power Dissipation PD Operating and Storage Junction Temperature TJ,Tstg Thermal Resistance JA NPN 60 40 6.0 200 350 -65 to +150 357 PNP 40 40 5.0 UNITS V V V mA mW C C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25C unless otherwise noted) PNP NPN SYMBOL TEST CONDITIONS MIN MAX MIN MAX ICEV VCE=30V, VEB=3.0V 50 50 BVCBO IC=10A 60 40 BVCEO IC=1.0mA 40 40 BVEBO IE=10A 6.0 5.0 VCE(SAT) IC=10mA, IB=1.0mA 0.20 0.25 VCE(SAT) IC=50mA, IB=5.0mA 0.30 0.40 VBE(SAT) IC=10mA, IB=1.0mA 0.65 0.85 0.65 0.85 VBE(SAT) IC=50mA, IB=5.0mA 0.95 0.95 hFE VCE=1.0V, IC=0.1mA 40 60 hFE VCE=1.0V, IC=1.0mA 70 80 hFE VCE=1.0V, IC=10mA 100 300 100 300 hFE VCE=1.0V, IC=50mA 60 60 hFE VCE=1.0V, IC=100mA 30 30 fT VCE=20V, IC=10mA, f=100MHz 300 250 Cob VCB=5.0V, IE=0, f=1.0MHz 4.0 4.5 Cib VBE=0.5V, IC=0, f=1.0MHz 8.0 10 hie VCE=10V, IC=1.0mA, f=1.0kHz 1.0 10 2.0 12 hre VCE=10V, IC=1.0mA, f=1.0kHz 0.5 8.0 0.1 10 hfe VCE=10V, IC=1.0mA, f=1.0kHz 100 400 100 400 hoe VCE=10V, IC=1.0mA, f=1.0kHz 1.0 40 3.0 60 NF VCE=5.0V, IC=100A, RS=1.0k f=10Hz to 15.7kHz 5.0 4.0 td VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA 35 35 tr VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA 35 35 ts VCC=3.0V, IC=10mA, IB1=IB2=1.0mA 200 225 tf VCC=3.0V, IC=10mA, IB1=IB2=1.0mA 50 75
UNITS nA V V V V V V V
MHz pF pF k x10-4 mhos dB ns ns ns ns
R2 (06-August 2003)
Central
TM
CMXT3946 SURFACE MOUNT SUPERminiTM DUAL COMPLEMENTARY SILICON TRANSISTOR
Semiconductor Corp.
SOT-26 CASE - MECHANICAL OUTLINE
6
5
4
Q2
Q1
1
2
3
LEAD CODE: 1) EMITTER Q1 2) BASE Q1 3) COLLECTOR Q2 4) EMITTER Q2 5) BASE Q2 6) COLLECTOR Q1 MARKING CODE: X46
R2 (06-August 2003)


▲Up To Search▲   

 
Price & Availability of CMXT3946

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X